PART |
Description |
Maker |
DC11.0001.001 DC11.0001.201 |
Switched IEC Power Connector; Mounting Type: Panel; Approval Bodies:UL, CSA; Body Depth:36.35mm; Body Length:44mm; Body Material: Thermoplastic; Body Width:34mm 12/10A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET POWER ENTRY MODULE, 2-POLEPOWER ENTRY MODULE, 2-POLE; Current rating:10A; Approval Bodies:UL 498, CSA C22.2 no. 42; Approval category:10A IEC, 12A UL/CSA; Colour:black; Current, max:12A; Mounting Type:Snap In; Standard:C14 acc.To
|
SCHURTER AG SCHURTER INC
|
SA40A SA150CA SA58 SA48 SA36CA SA150A SA20A SA6.0C |
500W TRANSIENT VOLTAGE SUPPRESSORS for 250VAC; UL-60950-1 / CSA C22.2 certified; 5.2kVDC Isolation for 1 Minute; Optional Continuous Short Circuit Protected; 2 Chamber Transformer System RES 56.2K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount CAP,Ceramic,2200pF,50VDC,5-% Tol,5 % Tol,X7R-TC Code,-15,15%-TC IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: TRENCHSTOP 2-20kHz; Package: TO-247; VCE (max): 1,000.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A 500W TRANSIENT VOLTAGE SUPPRESSORS 500W的瞬态电压抑制器
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
JM80547PG0802M |
Processor Extreme Edition
|
Intel
|
NL6448BC20-08 NL6448BC20-08E NL6448BC20-08F NL6448 |
DOD-PD-0734 (2nd edition)
|
NEC
|
NIOSDEVELOPMENTBOARD |
Reference Manual / Stratix II Edition
|
Altera
|
MU9C4481L-10DC MU9C8481L-10DC MU9C2481L MU9C2481L- |
LANCAM㈢ 1ST Family
|
MUSIC Semiconductors
|
AMP1601-08A AMP1601-06B AMP1601-04C AMP1601-06A AM |
15W 3rd Edition Medical Grade Desktop Switching Power Adapters
|
Astrodyne Corporation
|
39-00-0324 0039000324 |
2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1434, Male, with Tin (Sn) over Copper Plated Brass Contact, 24-28 AWG, Bag
|
Molex Electronics Ltd.
|
BFS17W BB131 BFT93W BGO807C BGA2717 BGA2001 BGA271 |
RF Manual 16th edition RF Manual 16th edition
|
NXP Semiconductors
|
HYMP112S64M8-C4 HYMP564S646-E3 HYMP532S64P6-E3 |
200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver. 128M X 64 DDR DRAM MODULE, 0.5 ns, ZMA200 200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver. 64M X 64 DDR DRAM MODULE, 0.6 ns, ZMA200
|
Hynix Semiconductor, Inc. HYNIX SEMICONDUCTOR INC
|
BYX135G |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Dark Blue; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper RoHS Compliant: Yes High-voltage car ignition diode
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|